Part Number Hot Search : 
MAXL001 IRFZ3 84134311 DK0034T R2812S PT150S8 106K0 00041
Product Description
Full Text Search
 

To Download IDT74LVCH162823A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
* Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * All inputs, outputs, and I/O are 5V tolerant * Supports hot insertion * Available in SSOP, TSSOP, and TVSOP packages
IDT74LVCH162823A
FEATURES:
DESCRIPTION:
DRIVE FEATURES: APPLICATIONS:
* Balanced Output Drivers: 12mA * Low switching noise
* 5V and 3.3V mixed voltage systems * Data communication and telecommunication systems
The LVCH162823A 18-bit bus interface register is built using advanced dual metal CMOS technology. This high-speed, low-power register with clock enable (CLKEN) and clear (CLR) controls is ideal for parity bus interfacing in high-performance synchronous systems. The control inputs are organized to operate the device as two 9-bit registers or one 18-bit register. Flow-through organization of signal pins simplifies layput. All inputs are designed with hysteresis for improved noise margin. All pins of the LVCH162823A can be driven from either 3.3V or 5V devices. This feature allows the use of this device as a translator in a mixed 3.3V/5V supply system. The LVCH162823A has series resistors in the device output structure which will significantly reduce line noise when used with light loads. This driver has been developed to drive 12mA at the designated threshold levels. The LVCH162823A has "bus-hold" which retains the inputs' last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors.
FUNCTIONAL BLOCK DIAGRAM
1OE 1CLR 1CLK
2 1 56
27
2OE 2CLR 2CLK
28 29 30
55
1CLKEN
2CLKEN
R
R
R
3
R
C C
C C
D D
54
1Q1 2D1
42
D D
15
2Q1
1D1
TO EIGHT OTHER CHANNELS
TO EIGHT OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
OCTOBER 1999
DSC-4683/1
IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1CLR 1OE 1Q1
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1CLK 1CLKEN 1D1
Unit V C mA mA mA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
VTERM TSTG IOUT IIK IOK ICC ISS
Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VO < 0 Continuous Current through each VCC or GND
-0.5 to +6.5 -65 to +150 -50 to +50 -50 100
GND
1Q2 1Q3
GND
1D2 1D3
VCC
1Q4 1Q5 1Q6
VCC
1D4 1D5 1D6
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
GND
1Q7 1Q8 1Q9 2Q1 2Q2 2Q3
GND
1D7 1D8 1D9 2D1 2D2 2D3
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 4.5 6.5 6.5 Max. 6 8 8 Unit pF pF pF
GND
2Q4 2Q5 2Q6
GND
2D4 2D5 2D6
NOTE: 1. As applicable to the device type.
VCC
2Q7 2Q8
VCC
2D7 2D8
GND
2Q9 2OE 2CLR
GND
2D9 2CLKEN 2CLK
FUNCTION TABLE(1)
Inputs xOE H H L H L H xCLR X L L H H H H H H xCLKEN X X X H H L L L L xCLK X X X X X xDx X X X X X L H L H Outputs xQx Z Z L Z Q
(2)
Function High Z Clear Hold
SSOP/ TSSOP/ TVSOP TOP VIEW
Z Z L H Load
PIN DESCRIPTION
Pin Names xDx xCLK xCLKEN xCLR xOE xQx Data Inputs
(1)
H L Description L
Clock Inputs Clock Enable Inputs (Active LOW) Asynchronous Clear Inputs (Active LOW) Output Enable Input (Active LOW) 3-State Outputs
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High Impedance = LOW-to-HIGH transition 2. Output level before indicated steady-state input conditions were established.
NOTE: 1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.
2
IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL IOFF VIK VH ICCL ICCH ICCZ ICC High Impedance Output Current (3-State Output pins) Input/Output Power Off Leakage Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 0V, VIN or VO 5.5V VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC -- -- -- -- -- -- -- -0.7 100 -- -- -- 50 -1.2 -- 10 10 500 A V mV A VCC = 3.6V VO = 0 to 5.5V -- -- 10 A Parameter Input HIGH Voltage Level Input LOW Voltage Level Input Leakage Current VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VI = 0 to 5.5V Test Conditions Min. 1.7 2 -- -- -- Typ.(1) -- -- -- -- -- Max. -- -- 0.7 0.8 5 A V Unit V
Quiescent Power Supply Current Variation
3.6 VIN 5.5V(2) One input at VCC - 0.6V, other inputs at VCC or GND
A
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. This applies in the disabled state only.
BUS-HOLD CHARACTERISTICS
Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO
NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient.
Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V
Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V
Min. - 75 75 -- -- --
Typ.(2) -- -- -- -- --
Max. -- -- -- -- 500
Unit A A A
3
IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.7V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 4mA IOH = - 6mA IOH = - 4mA IOH = - 8mA IOH = - 6mA IOH = - 12mA IOL = 0.1mA IOL = 4mA IOL = 6mA IOL = 4mA IOL = 8mA IOL = 6mA IOL = 12mA Min. VCC - 0.2 1.9 1.7 2.2 2 2.4 2 -- -- -- -- -- -- -- Max. -- -- -- -- -- -- -- 0.2 0.4 0.55 0.4 0.6 0.55 0.8 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, VCC = 3.3V 0.3V, TA = 25C
Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs enabled Power Dissipation Capacitance Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical -- -- Unit pF
4
IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V Symbol tPLH tPHL tPHL tPZH tPZL tPHZ tPLZ tSU tH tSU tH tW tW tREM tSK(o) Parameter Propagation Delay xCLK to xQx Propagation Delay xCLR to xQx Output Enable Time xOE to xQx Output Disable Time xOE to xQx Set-up Time HIGH or LOW, xDx to xCLK Hold Time HIGH or LOW, xDx to xCLK Set-up Time HIGH or LOW, xCLKEN to xCLK Hold Time HIGH or LOW, xCLKEN to xCLK xCLK Pulse Width HIGH or LOW xCLR Pulse Width LOW Recovery Time xCLR to xCLK Output Skew(2) 3 1.5 3.5 1.5 7 6 6 -- -- -- -- -- -- -- -- -- 3 0 3.5 0 6 6 6 -- -- -- -- -- -- -- -- 500 ns ns ns ns ns ns ns ps 1.5 10 1.5 6.5 ns 1.5 11 1.5 7 ns 1.5 12 1.5 8 ns Min. 1.5 Max. 10 VCC = 3.3V 0.3V Min. 1.5 Max. 6 Unit ns
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
5
IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse (1, 2) Generator VIN D.U.T. RT 500 CL
LVC Link
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
6 2.7 1.5 300 300 50
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
LVC Link
Propagation Delay
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VOL+VLZ VOL VOH VOH-VHZ 0V
LVC Link
VOUT
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH VT 0V VOH VT VOL VOH VT VOL tPLH2 tPHL2
LVC Link
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
LVC Link
INPUT
Set-up, Hold, and Release Times
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE VT
LVC Link
tPLH1
tPHL1
OUTPUT 1
VT
tSK (x)
tSK (x)
OUTPUT 2
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Pulse Width
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
6
IDT74LVCH162823A 3.3V CMOS 18-BIT BUS INTERFACE REGISTER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT LVC X XX Bus-Hold Temp. Range XX Family XX XXXX Device Type Package
PV PA PF
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package
823A 18-Bit Bus Interface Register 162 H 74 Double-Density with Resistors, 12mA Bus-hold -40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74LVCH162823A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X